PART |
Description |
Maker |
501953-0397 501953-0417 501953-0497 501953-0507 50 |
1.0 WIRE TO BOARD CONN. WAFER ASSY 1-ROW R/A POSI-LOCK
|
Molex Electronics Ltd.
|
5019400597 501940-0417 501940-0527 501940-0537 501 |
1.0 WIRE TO BOARD CONN. WAFER ASSY 1-ROW ST POSI-LOCK -LEAD FREE-
|
Molex Electronics Ltd.
|
53290-0680 53290-0580 53290-1580 |
2.0mm BTB Conn. Wafer Assy 06 ckt LF 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.0 BtB Wafer Assy 5Ckt White 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.0mm BTB Conn. Wafer Assy 15 ckt LF
|
Molex, Inc. MOLEX INC
|
53325-1360 53325-0760 53325-0260 53325-1060 53325- |
2.0 WtB Wafer Assy RA 13Ckt 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 2Ckt 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:1; Series:Mi II; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.0 WtB Wafer Assy RA 11Ckt 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
53780-3070 53780-1270 53780-1870 537803070 53780-2 |
1.25 W/B CONN WAFER ASSY FOR SMT
|
Molex Electronics Ltd. http://
|
5010445009 501044-3009 501044-4009 501044-5009 |
0.4 WIRE TO BOARD CONN. REC. HOUSING ASSEMBLY SIDE ENTRY -LEAD FREE-
|
Molex Electronics Ltd.
|
35979-0320 35979-0520 35979-0420 |
7.92 W/B WAFER R/A (J) 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 7.92mm Pitch W/B HEADER R/A 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 7.92 PITCH W-T-B CONN. 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
53025-0310 53025-0210 53025-0710 |
2.0MM 3CKT L/P WAFER ASSY 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.0MM 2CKT L/P WAFER ASSY 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM WTB B-ENTRY WFAS 7CKT 530250710 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
SFML-115-T1-S-D SFML-120-T1-S-D SFML-130-T1-S-D SF |
CONN RCPT .05 30POS DUAL T/H 30 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 40POS DUAL T/H 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 60POS DUAL T/H 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 90POS DUAL T/H 90 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT .05 80POS DUAL SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 100POS DUAL SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40POS DUAL SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
SOLC-105-02-S-Q SOLC-115-02-S-Q SOLC-140-02-S-Q SO |
CONN RCPT .05 5X4POS GOLD SMD 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 15X4POS GOLD SMD 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 40X4POS GOLD SMD 160 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 20X4POS GOLD SMD 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 25X4POS GOLD SMD 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT .05 45X4POS GOLD SMD 180 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
19121-0030 19121-0007 19121-0009 19121-0053 |
CONN FLANGED SPADE #10 14-16AWG 2 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #8 18-22AWG 1 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #10 18-22AWG 1 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc.
|
2-1318115-9 2-1318114-6 2-1318115-3 2-1318120-3 2- |
AMP Dynamic Series Connectors D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire) D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
|
Tyco Electronics
|
|